PART |
Description |
Maker |
NFA31CC221S1E4D NFA31CC101S1E4B NFA31CC222R1E4B NF |
NFA3216D02C221 220 PF 20%(1206)CAP FILT 4 FUNCTIONS, 25 V, 0.2 A, FEED THROUGH CAPACITOR
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
ADL5375-15-EVALZ1 ADL5375-05-EVALZ1 ADL5375-15ACPZ |
400 MHz to 6 GHz Broadband Quadrature 400 MHz? GHz的宽带正交调制器 400 MHz to 6 GHz Broadband Quadrature Modulator 400 MHz GHz的宽带正交调制器
|
Analog Devices, Inc.
|
ADSP-BF533SBBZ500 ADSP-BF533SBBC500 ADSP-BF533SKBC |
750 MHz Blackfin Processor for Video/Imaging 400 MHz Low Cost Blackfin Processor 400 MHz High Performance Blackfin Processor
|
Analog Devices
|
DSS-113PIN DS-113PIN DSS-113 DS-113 |
Two-Way Power Divider, 400 KHz - 400 MHz
|
Tyco Electronics
|
ZB4CS-700-10W |
Power wer Splitter/Combiner 4 Way-0° 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0∑ 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0400 to 700 MHz 400 MHz - 700 MHz RF/MICROWAVE COMBINER, 0.8 dB INSERTION LOSS
|
MINI[Mini-Circuits]
|
MOBILEPENTIUMIICPU |
Pentium II processor in Mini-Cartridge Package at 400 MHZ, 366 MHZ,333 MHz, 300PE MHz, And 266PE MHz(工作频率400,366,333,300PE66PE兆赫兹小弹筒封装II处理
|
Intel Corp.
|
CU481A8L-3.125C CU42LB1P-8.89-2T CU42L3B1P-8.89-2T |
225 MHz - 400 MHz RF/MICROWAVE 3 PORT CIRCULATOR 872 MHz - 905 MHz RF/MICROWAVE ISOLATOR
|
Bourns, Inc.
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
|